Part Number Hot Search : 
PE4642 34063 PRODUCT 16F676P HAT2267H 34601 IRKT911 LT1413A
Product Description
Full Text Search
 

To Download MA12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multi-AlertTM & Mini-AlertTM Sounders and Strobes
Multi-Alert Models Sounder MA12/24D Strobes SS24LO SS24M SS24LOLA
Sounder/Strobes MASS24LO MASS24M MASSLOLA
Mini-Alert Sounders Red Beige PA400 PA400 PA400R-F PA400B-F Add-on Strobes Red PS24LO Product Overview Multi-Alert Sounder: 12 and 24V operation 8 field-selectable tones Multi-Alert Strobes and Sounder/Strobes: 24V operation 1.5 or 15 candela UL1638 listed Mini-Alert Sounders: 12 and 24V operation 1.5 cd add-on strobe available System Sensor's Multi-Alert sounder and sounder/strobes are suited to provide primary or secondary signaling for fire and security applications. The MA and MASS models provide eight field-selectable warning tones. White PS24LOW
MA12/24D PA400R-F
White PA400W PA400W-F
PA400W
The Multi-Alert models mount directly to 4 square back boxes. Optional mounting plates are available for either flush or semi-flush installations. Model MA12/24D is suitable for outdoor applications when installed with the WBB weather-proof back box.
Multi-Alert Strobes. System Sensor's Multi-Alert strobes are UL1638 compliant electronic visible warning signals that flash approximately every 1.5 seconds. All circuits are polarized to be compatible with DC alarm supervision. Mini-Alert Sounders. System Sensor's PA400 series Mini-Alert sounders operate at 12 and 24 volts and are ideal for hotel, motel or residential fire system applications, where a smaller notification device is desired. The PA400 sounders are available with or without FIRE identification, and are offered in red, beige, and white.
Engineering Specifications Multi-Alert Sounders shall be a System Sensor Model MA 12/24D capable of operating at 12 and 24VDC. Sounder shall be
listed to Underwriter's Laboratories Standard UL464 for fire protective signaling systems. Sounder shall have an operating temperature between -31F and 151F. Sounder shall have eight tone options, selected by means of clips.
Mini-Alert Sounders shall be a System Sensor Model ------ capable of operating at 12 and 24VDC. Sounder shall be listed to Underwriter's Laboratories Standard UL464 for fire protective signaling systems. Sounder shall have an operating temperature between 14F and 140F. Multi-Alert and Mini-Alert Sounder/Strobes shall be a System Model ------ capable of operating at 24VDC. Sounder/strobe shall be listed to Underwriter's Laboratories Standards UL464 and UL1638 for fire protective signaling systems. Sounder/strobe shall have an operating temperature between 32F and 120F. Strobe shall be powered independently of the sounder and shall operate at 24VDC, with a UL range rating of 22.5 to 30VDC. Actual operating voltage must be between 18 and 33VDC. Strobe shall have a minimum light output of 1.5 or 15 candela and shall be UL1638 listed for private mode applications.
Multi-Alert Sounder Specifications
Dimensions 4 x 4 x 21/4 Weight 5.7 oz. (162 g) Operating Voltage 12VDC to 24VDC FWR unfiltered* Mounting Sur face 4 x 4 back box (11/2 to 2 1/8 deep) Flush 4 x 4 BBD deep back box (2 3 deep) /4 Semi-flush 4 x 4 back box (11/2 to 2 1/8 deep) with MP-SF mounting plate Input Terminals 12 to 18 AWG Operating Temperature Range -32 to 151F (-35 to 66C)
*Actual 12 V operating voltage cannot be less than 9.6VDC or greater than 18.7VDC. Actual 24 V operating voltage cannot be less than 18VDC or greater than 33VDC.
Multi-Alert Strobe Specifications
Dimensions 4 x 4 x 2 15/16 Weight 8.2 oz. (232 g) Mounting Sur face 4 x 4 back box (11/2 to 21/8 deep) Semi-flush 4 x 4 back box (11/2 to 21/8 deep) with MP-SF mounting plate Operating Temperature Range -31 to 151F (-35 to 66C)
Input Terminals 12 to 18 AWG Operating Voltage 24VDC and FWR unfiltered* *Actual 24V operating voltage cannot be less than 18VDC or greater than 33VDC.
Mini-Alert Specifications
Dimensions 4 1/2 x 2 3/4x 11/8 Weight 2.4 oz. (159 g) Operating Voltage 12VDC to 24VDC FWR unfiltered* Mounting Sur face Single gang back box Flush 4 x 4 BBD deep back box (2 3/4deep) Input Terminals 12 to 18 AWG Operating Temperature Range 14 to 140F (-10 to 60C)
*Actual 12V operating voltage cannot be less than 9.6VDC or greater than 18.7VDC. Actual 24V operating voltage cannot be less than 18VDC or greater than 33VDC.
Ordering Information/Current Draw Multi-Alert/Mini-Alert Model Numbers
Red MA12/24D SS24LO SS24M SS24LOLA MASS24LO MASS24M MASS24LOLA PA400R PA400R-F PS24LO PA400B PA400B-F PA400W PA400W-F PS24LOW Beige White Description Multi-Alert sounder Multi-Alert strobe Multi-Alert strobe Multi-Alert strobe ("FUEGO" lens) Multi-Alert sounder /strobe Multi-Alert sounder /strobe Voltage 12/24VDC 24VDC 24VDC 24VDC 24VDC 24VDC Average Current * 25 mA 75 mA 25 mA ** ** ** 12/15 mA 12/15 mA 5 mA Candela -- 1.5 15.0 1.5 1.5 15.0 1.5 -- -- 1.5 dB Output (UL)*** 75-85 -- -- -- 75-85 75-85 75-85 82 82 82
Multi-Alert sounder/strobe ("FUEGO" lens) 24VDC Mini-Alert sounder Mini-Alert sounder ("Fire" identification) Add-on strobe 12/24VDC 12/24VDC 12/24VDC
Accessory Model Numbers
Description MP-F/MP-FB MP-SF/MP-SFB BB-D WBB Flush mounting plate (red/beige) Semi-flush mounting plate (red/beige) Flush mounting deep back box, 2 3/4 deep Weatherproof back box for MA 12/24D
* Current ranges from 10mA to 55mA depending upon voltage and sound selected ** Current ranges from 35mA to 80mA depending upon voltage and sound selected *** Sound output varies depending upon voltage and sound selected. Note: LO and M style strobe and sounder/strobe models are not MEA approved.
System Sensor Sales and Service
System Sensor Headquarters 3825 Ohio Avenue St. Charles, IL 60174 Ph: 800-SENSOR2 Fx: 630/377-6495 Documents on Demand 1-800-736-7672 x3 www.systemsensor.com System Sensor Canada Ph: 905.812.0767 Fx: 905.812.0771 System Sensor Europe Ph: 011.44.1403.276500 Fx: 011.44.1403.276501 System Sensor in China Ph: 011.86.29.524.6253 Fx: 011.86.29.524.6259 System Sensor in Singapore Ph: 011.65.273.2230 Fx: 011.65.273.2610 System Sensor- Far East Ph: 011.85.22.191.9003 Fx: 011.85.22.736.6580 System Sensor- Australia Ph: 011.613.54.281.142 Fx: 011.613.54.281.172
(c) 1999 System Sensor. The company reserves the right to change product specifications without notice.
A05-207-07*11/99(10K)*#571


▲Up To Search▲   

 
Price & Availability of MA12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X